Part Number Hot Search : 
BAV20109 53102 28F800B OZ9939 M62392FP BUZ901DP ATA6631 621505
Product Description
Full Text Search
 

To Download 0475920001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0475920001 Active
battery_connectors 2.00mm (.079") Pitch L-Cap Battery Connector, SMT, 4 Circuits, LCP Housing, Leadfree
Documents: Drawing (PDF) Product Specification PS-47592-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 47592 Board-to-Board battery_connectors Battery Connector, Compression Connector
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 4 4 Ivory 10,000 No No No None None Copper Alloy Gold Nickel High Temperature Thermoplastic 1 Right Angle No None Tray 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.76 No No No No -40C to +85C Surface Mount
Search Parts in this Series 47592Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 200V (RMS)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing
PK-47592-001 PS-47592-001 SD-47592-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0475920001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X